Part Number Hot Search : 
2N7002K RS606 1510G R2000F 2SK134 ST211 A3010 2N2028
Product Description
Full Text Search
 

To Download LPS250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 250 Watts
LPS250 Series
Total Power: 250 Watts Input Voltage: 85-264 VAC 120-300 VDC # of Outputs: Single
Electrical Specs
Input
Input range Frequency Inrush current Efficiency EMI filter 85-264 VAC; 120-300 VDC 47-440 Hz 20 A max., cold start @ 25C 75% typical at full load FCC Class B conducted and radiated CISPR 22 Class B conducted and radiated EN55022 Class B conducted and radiated VDE 0878 PT3 Class B conducted and radiated 0.99 typical <0.5 mA @ 50/60 Hz, 264 VAC input
Power factor Safety ground leakage current
Special Features
* * * * * * * * * * * * * * * * Active power factor correction IEC EN6100-3-2 compliance Remote sense & remote inhibit Power fail Single wire current sharing Built-in EMI filter Low output ripple 2 Supervisory outputs 5 V and 12 V Overvoltage protection Overload protection Thermal overload protection DC power good Cover -C 120 kHz switching frequency Optional top with fan cover -CF Optional end fan cover -CEF
Output
Maximum power With cover: 250 W with 30 CFM forced air. (-C) (-CF) (CEF) 2:1 wide ratio 5 V @ 100 mA regulated; 12V @ 500 mA 20 ms @ 250 W load, 115 VAC nominal line at factory voltage setting Short circuit protection on all outputs. Case overload protected @ 110-145% above peak rating 5 V output: 5.7 to 6.7 VDC. Other models 10% to 25% above nominal output
Adjustment range Supervisory output Hold-up time
Overload protection
Overvoltage protection
Logic Control
Power failure TTL logic signal goes high 50-150 msec after 5 V output. It goes low at least 4 msec before loss of regulation Requires an external contact (N.O or N.C) to inhibit outputs TTL logic goes high 50-150 msec after the output. It goes low when there is loss of regulation. Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Environmental
Operating temperature: 0 to 50C ambient derate each output at 2.5% per degree from 50 to 70C Electromagnetic susceptibility: Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3 Humidity: Operating; non-condensing 5% to 95% Vibration: Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5 Hz to 500 Hz, operational Storage temperature: -40 to 85C Temperature coefficient: .04% per C MTBF demonstrated: >550,000 hours at full load and 25C ambient conditionsation
Remote on/off DC-OK
Remote sense
Safety
VDE UL CSA NEMKO CB CE 0805/EN60950 (IEC950) UL1950 CSA 22.2-234 Level 5 EN 60950/EMKO-TUE (74-sec) 203 Certificate and report Mark (LVD) 11774-3336-1262 E132002 LR53982C P95103550 2186
124
Technical Support: (888) 41-ASTEC or (407) 241-2752 Americas: (760) 930-4600 Europe (UK) 44 (1384) 842-211 Asia (HK) 852-2437-9662
rev 04.07.05
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Kwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
LPS250 Series
Ordering Information
Model Number LPS252-C LPS253-C LPS254-C LPS255-C Output Voltage 5 V (3-6 V) 12 V (6-12 V) 15 V (12-24 V) 24 V ( 24-48 V) Minimum Load 1.50 A 0.63 A 0.50 A 0.32 A Maximum Load with 30 CFM Forced Air 50 A 21 A 16.7 A 10.4 A Peak Load1 60 A 25 A 20 A 12.5 A Regulation2 2% 2% 2% 2% Ripple P/P (PARD)3 50 mV 120 mV 150 mV 240 mV
Notes: 1. Peak current lasting <30 seconds with a maximum 10% duty cycle. 2. At 25C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings. 3. Peak-to-peak with 20 MHz bandwidth and 10 F in parallel with a 0.1 F capacitor at rated line voltage and load ranges. 4. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the power supply. Not convection rated. 5. Output voltage adjustment requires a minimum load. 6. Remote inhibit resets OVP latch Note: -CF suffix added to the model number indicates cover with top fan. -CEF suffix added to the model number indicates cover with dual end mounted fan cover and AC inlet.
Pin Assignments
Connector SK1 PIN 1 PIN 2 PIN 3 PIN 1 PIN 2 PIN 3 PIN 4 PIN 5 PIN 6 PIN 7 PIN 8 PIN 1 PIN 2 PIN 1 PIN 2 PIN 1 PIN 2 Neutral Line Ground + Remote sense - Remote sense Remote inhibit (N.O) Remote inhibit (N.C) Common Current sharing Power Fail DC Power Good + Fan's power source (12 V @ 500 mA) - Fan's power source (12 V @ 500 mA) + Supervisory output supply (5 V @ 100 mA) - Supervisory output supply (5 V @ 100 mA) + Fan's power source (12 V @ 500 mA) - Fan's power source (12 V @ 500 mA)
10.0
6-32 (2 places) Main Output Terminal Block TB1
+ve -ve
Output Voltage Adjust SK3 12345678 SK5 SK4 FAN SK7 FAN
M3 (4 places) #6-32 UNC (8 places) .24 (6.1)
10.0
SK3
3.68 (93.6) 5.46 (138.6) 6.64 (168.6) 8.52 (216.4) 9.0 (228.6) 10.32 (262.0) 2.17 (55)
Optional (-CF) 3.15 Cover (80) with Fan
SK4 SK5 SK7
10.0
321 6-32 (3 places) SK1 5.0 (127.0)
Optional (-CEF) Cover with fans 2.0 (50.8) 3.0 (76.2)
1.18 (30.0)
Mating Connectors SK3 Molex 22-01-1084 PINS:08-70-0057 SK4 SK5 SK7 Molex 22-01-3027 PINS: 08-50-0114 Molex 22-01-3027 PINS: 08-50-0114 Molex 22-01-3027 PINS: 08-50-0114
.79 (20) .55 (14)
1.30 (33.0) AC Inlet
3.42 (87.0)
Astec Connector Kit #70-841-005, includes all the above. Notes: 1. Specifications subject to change without notice. 2. All dimensions in inches (mm), tolerance is .02". 3. Specifications are at factory settings. 4. To enable normally closed remote inhibit, cut jumper J1. 5. Mounting maximum insertion depth is 0.12". 6. Warranty: 1 year 7. Weight: 2.6 lb / 1.19 kg
www.astecpower.com
125


▲Up To Search▲   

 
Price & Availability of LPS250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X